PART |
Description |
Maker |
UBB12/3D24 UBB12/2.5Q48 UBB5/6Q48 UBB5/7D24 UBB15/ |
8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 模拟IC
|
NEC, Corp.
|
STM8AF6223 STM8AF6223PAU STM8AF6223PCU STM8AF6223P |
Automotive Standard low-power line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
ST Microelectronics
|
ST72F32AK2TCXS |
8-bit MCU for automotive, 16 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI
|
ST Microelectronics
|
STM8AQ6X23TAY STM8AQ6X26TAY STM8AQ6X27TAY STM8AQ6X |
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
|
STMicroelectronics
|
ST72C215G2MCE |
8-bit MCU for automotive with single voltage Flash/ROM memory,ADC, 16-bit timers, SPI, I2C interfaces
|
ST Microelectronics
|
ST72215GX-AUTO ST72216GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
ST72254GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
ST72104GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
SPC564L70L3BCOSR SPC564L70L5BBOSR SPC56EL70L5CBOSR |
32-bit Power Architecture MCU for Automotive Chassis and Safety Applications
|
ST Microelectronics
|
|